Part Number Hot Search : 
T88SC TO1401 MAX6675 LTC340 GCF10A20 P4KE160 1611F 5KP78
Product Description
Full Text Search
 

To Download ECET1EA333FA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors long life - endurance rating of 3000 hours at 105c 4 terminal mounting provides stability and keyed polarity extended higher cv ratings **use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature. part number system 4 pin mounting style pin dimensions endurance: dimensions in millimeters 42 3 cv (a) max. after 5 minutes; c = capacitance in f, v = wv 3000 hours at +105c with maximum specified ripple current (see page 4) capacitance tolerance: dissipation factor: (120 hz, +20c) leakage current: ripple current multipliers: t-ha series 105c, 3000 hours nominal capacitance: 820~150000f rated working voltage: operating temperature: 16 ~ 250 vdc -40 ~ +105c 20% 350 ~ 450 vdc -25 ~ +105c 330~1800f workin g volta g e [ v ] : max. d.f. (%): 16 50 25 20 160 ~ 450 15 (rated cap. [f] - 33000 ) 1000 for capacitance values > 33000f, add the value of: 25 40 35 35 50 30 63 80 100 20 fre q uenc y( hz ) : 16~100wv: 50 160~450wv: 0.93 0.75 0.95 0.8 1.0 1.0 1.2 1.08 1.25 1.15 1.4 1.05 60 100~120 500 1k 10k e c e t a capacitance code series code t = 6.3mm length snap-in terminal standard on 4 pin products +0.2 top of capacitor body 6.31.0 1.50.2 2.0 max. 0 . 8 -0.1 4.0 2g 2v 2e 2d 2a 1k 1j 1h 1v 1e 25 35 50 63 80 100 200 250 350 400 voltage code 1c 16 2w 450 terminals ecet prefix no. of pins 4 4 x ?2.00.1 ?22.50.1 30 30 60 60 (+) (-) isolate p.c. pads t l ?d + circuit board mounting holes diameter code dia. 35 40 code e f terminal suffix code terminal length & type extended ratings standard ratings 6.3mm snap-in (standard): a x ri pp le current ambient tem p erature factors* * 45c 2.35 60c 70c 85c tem p erature ( c ) : multi p lier: 1.7 2.0 2.2 105c 1.0 rohs compliant rohs compliant pvc sleeve and top plate is standard.
aluminum electrolytic capacitors t-ha standard ratings cap. (f) 120hz 10khz~ 120hz 20khz 39000 35 x 40 5.10 5.87 0.022 0.020 47000 40 x 40 5.50 6.33 0.020 0.018 56000 35 x 50 6.00 6.90 0.019 0.017 68000 35 x 63 6.62 7.61 0.017 0.015 40 x 50 7.29 8.38 0.015 0.014 82000 40 x 63 7.66 8.81 0.017 0.015 100000 35 x 80 8.03 9.23 0.015 0.013 120000 35 x 105 8.71 10.02 0.014 0.012 40 x 80 8.79 10.11 0.014 0.012 150000 40 x 105 9.88 11.36 0.013 0.012 27000 35 x 40 4.80 5.52 0.018 0.017 33000 35 x 50 5.50 6.33 0.018 0.016 40 x 40 5.50 6.33 0.018 0.016 47000 35 x 63 6.56 7.54 0.017 0.015 40 x 50 6.47 7.44 0.015 0.014 56000 35 x 80 7.25 8.34 0.015 0.013 40 x 63 7.17 8.25 0.014 0.013 82000 35 x 105 8.58 9.87 0.013 0.012 40 x 80 8.68 9.98 0.013 0.012 100000 40 x 105 9.76 11.22 0.012 0.010 18000 35 x 40 4.30 4.95 0.028 0.021 22000 35 x 50 5.00 5.75 0.023 0.017 40 x 40 5.00 5.75 0.023 0.017 27000 35 x 63 5.53 6.36 0.025 0.018 40 x 50 5.44 6.26 0.020 0.015 33000 40 x 63 6.61 7.60 0.019 0.014 39000 35 x 80 6.52 7.50 0.019 0.014 47000 35 x 105 8.07 9.28 0.017 0.013 40 x 80 7.79 8.96 0.018 0.013 68000 40 x 105 9.27 10.66 0.016 0.012 10000 35 x 40 4.00 4.60 0.033 0.025 15000 35 x 50 4.80 5.52 0.022 0.018 40 x 40 4.80 5.52 0.022 0.018 18000 35 x 63 5.27 6.06 0.020 0.016 22000 40 x 50 5.15 5.92 0.016 0.013 27000 35 x 80 6.16 7.08 0.015 0.012 40 x 63 6.05 6.96 0.015 0.012 33000 35 x 105 7.23 8.31 0.013 0.010 39000 40 x 80 7.55 8.68 0.014 0.011 47000 40 x 105 8.18 9.41 0.012 0.010 6800 35 x 40 3.60 4.14 0.049 0.037 12000 35 x 50 4.40 5.06 0.028 0.023 40 x 40 4.52 5.20 0.030 0.026 15000 35 x 63 4.92 5.66 0.024 0.021 40 x 50 4.80 5.52 0.027 0.023 18000 35 x 80 5.79 6.66 0.022 0.019 40 x 63 5.39 6.20 0.023 0.020 27000 35 x 105 6.53 7.51 0.017 0.014 40 x 80 6.59 7.58 0.017 0.014 39000 40 x 105 7.53 8.66 0.014 0.012 ecet1ja153ea 43 ecet1ja273ea ecet1ja183fa ecet1ja183ea ecet1ja153fa ecet1ja393fa ecet1ja273fa ecet1ja123fa ecet1ja123ea max 105c r.c. (a rms ) 20c esr ( ? , max.) ecet1ca683ea ecet1ca563ea ecet1ca473fa panasonic part number ecet1ha183ea ecet1ha153fa ecet1ha273fa ecet1ha273ea ecet1ha223fa 16 vdc working, 20 vdc surge ecet1ca683fa 35 vdc working, 44 vdc surge ecet1ja682ea ecet1ha473fa ecet1ha393fa ecet1ha333ea ecet1va683fa ecet1va473fa size (mm) d x l ecet1ca154fa ecet1ca124fa ecet1ca124ea ecet1ca104ea ecet1ca823fa ecet1ca393ea 4 pin style ecet1va473ea ecet1va393ea ecet1va333fa ecet1va273fa part numbers shown with 6.3mm length snap-in terminals 25 vdc working, 32 vdc surge ecet1va223ea ecet1va183ea ecet1ea104fa ecet1ea823fa ecet1ea823ea ecet1ea563fa ecet1ea563ea ecet1ea473fa ecet1ea473ea ECET1EA333FA ecet1ea333ea ecet1ea273ea 50 vdc working, 63 vdc surge 63 vdc working, 79 vdc surge ecet1va273ea ecet1va223fa ecet1ha153ea ecet1ha103ea
aluminum electrolytic capacitors t-ha standard ratings (continued) cap. (f) 120hz 10khz~ 120hz 20khz 4700 35 x 40 3.30 3.80 0.049 0.037 6800 35 x 50 3.90 4.49 0.041 0.031 40 x 40 3.90 4.49 0.041 0.031 8200 35 x 63 4.39 5.05 0.036 0.027 40 x 50 4.29 4.93 0.036 0.027 10000 35 x 80 4.88 5.61 0.031 0.024 40 x 63 4.73 5.44 0.033 0.025 15000 35 x 105 6.13 7.05 0.024 0.018 40 x 80 5.97 6.87 0.025 0.019 22000 40 x 105 6.95 7.99 0.019 0.014 3300 35 x 40 3.20 3.68 0.075 0.053 4700 35 x 50 3.80 4.37 0.053 0.040 40 x 40 3.80 4.37 0.053 0.040 5600 35 x 63 4.06 4.67 0.044 0.033 6800 40 x 50 4.57 5.26 0.037 0.027 8200 35 x 80 5.15 5.92 0.030 0.023 40 x 63 5.02 5.77 0.030 0.023 10000 35 x 105 6.38 7.34 0.025 0.019 12000 40 x 80 6.44 7.41 0.021 0.016 15000 40 x 105 7.37 8.48 0.017 0.012 1200 35 x 40 2.50 3.50 0.133 0.066 1800 40 x 40 2.70 3.78 0.129 0.077 2200 35 x 50 2.90 4.06 0.098 0.059 2700 35 x 63 3.65 5.11 0.080 0.048 40 x 50 3.55 4.97 0.086 0.052 3300 35 x 80 4.52 6.33 0.065 0.039 40 x 63 4.40 6.16 0.070 0.042 4700 35 x 105 5.70 7.98 0.046 0.028 40 x 80 5.76 8.06 0.049 0.030 5600 40 x 105 6.76 9.46 0.041 0.025 820 35 x 40 2.20 3.08 0.243 0.133 1200 35 x 50 2.30 3.22 0.180 0.117 40 x 40 2.66 3.72 0.180 0.117 1500 35 x 63 2.57 3.60 0.144 0.093 1800 40 x 50 3.15 4.41 0.120 0.078 2200 35 x 80 3.75 5.25 0.098 0.064 40 x 63 3.68 5.15 0.098 0.064 2700 35 x 105 4.80 6.72 0.080 0.052 3300 35 x 105 4.86 6.80 0.065 0.042 40 x 80 4.86 6.80 0.065 0.042 3900 40 x 105 5.61 7.85 0.055 0.036 470 35 x 40 2.00 2.80 0.459 0.183 680 35 x 50 2.15 3.01 0.317 0.127 40 x 40 2.30 3.22 0.317 0.127 820 35 x 63 2.65 3.71 0.263 0.105 40 x 50 2.65 3.71 0.263 0.105 1200 35 x 80 3.22 4.51 0.180 0.072 40 x 63 3.22 4.51 0.180 0.072 1500 35 x 105 4.78 6.69 0.144 0.057 40 x 80 3.75 5.25 0.144 0.057 1800 40 x 105 5.23 7.32 0.120 0.048 44 ecet2va182fa ecet2va152fa ecet2va152ea ecet2va122fa ecet2va122ea ecet2va821fa ecet2va821ea ecet2va681fa ecet2va681ea ecet2va471ea ecet2ea392fa ecet2ea332fa 350 vdc working, 400 vdc surge ecet2da472ea ecet2da332fa ecet2ea332ea ecet2ea272ea ecet2ea222fa ecet2ea222ea ecet2ea122ea ecet2ea821ea ecet2da562fa ecet2da472fa 100 vdc working, 125 vdc surge ecet2da272ea ecet2da222ea ecet2da182fa ecet2da122ea ecet2aa153fa ecet2aa123fa ecet2aa103ea ecet2aa822ea ecet2aa682fa 250 vdc working, 300 vdc surge 200 vdc working, 250 vdc surge ecet2da332ea ecet2da272fa ecet2ea182fa ecet2ea152ea ecet2ea122fa size (mm) ecet1ka223fa ecet1ka153fa ecet1ka153ea ecet1ka103fa 20c esr ( ? , max.) ecet1ka103ea ecet1ka822fa d x l ecet1ka822ea ecet1ka682fa ecet1ka682ea ecet1ka472ea panasonic part number max 105c r.c. (a rms ) 4 pin style part numbers shown with 6.3mm length snap-in terminals 80 vdc working, 100 vdc surge ecet2aa562ea ecet2aa472fa ecet2aa472ea ecet2aa332ea ecet2aa822fa
aluminum electrolytic capacitors t-ha standard ratings (continued) cap. (f) 120hz 10khz~ 120hz 20khz 390 35 x 45 1.55 2.17 0.425 0.170 470 40 x 40 1.75 2.45 0.353 0.141 560 35 x 50 1.80 2.52 0.296 0.118 680 40 x 50 2.17 3.04 0.244 0.098 820 35 x 63 2.44 3.42 0.202 0.081 40 x 50 2.58 3.61 0.202 0.081 1000 35 x 80 3.00 4.20 0.166 0.066 40 x 63 3.00 4.20 0.166 0.066 1200 35 x 105 3.75 5.25 0.138 0.055 40 x 80 3.79 5.31 0.138 0.055 1500 40 x 105 4.81 6.73 0.111 0.044 1800 40 x 105 5.06 7.08 0.101 0.041 330 35 x 40 1.37 1.92 0.502 0.176 470 35 x 50 1.74 2.44 0.353 0.123 40 x 40 1.68 2.35 0.353 0.123 560 35 x 63 2.15 3.01 0.296 0.104 40 x 50 2.10 2.94 0.296 0.104 680 40 x 63 2.50 3.50 0.244 0.085 820 35 x 80 2.70 3.78 0.202 0.071 1000 35 x 105 3.47 4.86 0.166 0.058 40 x 80 3.50 4.90 0.166 0.058 1200 40 x 105 4.33 6.06 0.138 0.048 45 ecet2wa331ea ecet2wa471ea ecet2wa471fa ecet2wa561ea ecet2wa561fa ecet2wa681fa ecet2wa821ea ecet2wa102ea ecet2wa102fa ecet2wa122fa ecet2ga182fa ecet2ga152fa ecet2ga122fa ecet2ga122ea ecet2ga102fa ecet2ga102ea ecet2ga821fa ecet2ga821ea ecet2ga681fa ecet2ga561ea max 105c r.c. (a rms ) 20c esr ( ? , max.) ecet2ga471fa ecet2ga391ea 4 pin style size (mm) part numbers shown with 6.3mm length snap-in terminals d x l panasonic part number 450 vdc working, 500 vdc surge 400 vdc working, 450 vdc surge
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: panasonic: ? ece-t2aa472ea? ece-t2da272fa? ece-t2ea152ea? ece-t2ea222fa? ece-t2ea332fa? ece-t2ga102fa? ece-t2wa471fa? ece-t2wp471fa? ece-t2ea182fa? ece-p2gp222he? ece-t2da332fa? ece-t1ca104ea? ece-t1ca124fa? ece-t1ca563ea? ece-t1ca683ea? ece-t1ca683fa? ece-t1ca823fa? ece-t1ea273ea? ece- t1ea333ea? ece-t1ea473ea? ece-t1ea473fa? ece-t1ea563ea? ece-t1ea563fa? ece-t1ea823fa? ece- t1ha153ea? ece-t1ha183ea? ece-t1ha273ea? ece-t1ha393fa? ece-t1ja123ea? ece-t1ja153ea? ece- t1ja153fa? ece-t1ja183ea? ece-t1ja183fa? ece-t1ja273fa? ece-t1ka103ea? ece-t1ka103fa? ece- t1ka153fa? ece-t1ka682ea? ece-t1ka822ea? ece-t1va223ea? ece-t1va223ex? ece-t1va273ea? ece- t1va273fa? ece-t1va333fa? ece-t1va393ea? ece-t1va473fa? ece-t2aa123fa? ece-t2aa562ea? ece- t2aa682fa? ece-t2aa822ea? ece-t2aa822fa? ece-t2da222ea? ece-t2da272ea? ece-t2da332ea? ece- t2da472fa? ece-t2ea122ea? ece-t2ea122fa? ece-t2ea222ea? ece-t2ea821ea? ece-t2ga102ea? ece- t2ga102eh? ece-t2ga102fh? ece-t2ga122fa? ece-t2ga182fa? ece-t2ga521ea? ece-t2ga561ea? ece- t2ga681ea? ece-t2ga681fa? ece-t2ga821ea? ece-t2ga821fa? ece-t2va122ea? ece-t2va122fa? ece- t2va681ea? ece-t2va821ea? ece-t2wa102fa? ece-t2wa471ea? ece-t2wa561ea? ece-t2wa561fa? ece- t2wa821ea? ece-t2wa681fa? ece-t1ka822fa? ece-t2va821fa? ece-t1ha223fa? ece-t1ha273fa? ece- t2va152fa


▲Up To Search▲   

 
Price & Availability of ECET1EA333FA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X